Part Number Hot Search : 
565RT SW12170 AD100 K0240 AP1701CW 3294F MRF175GU 1N6702US
Product Description
Full Text Search
 

To Download 1MC06-142-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thermoelectric Module Datasheet
Performance Parameters
Type Tmax K 69 71 71 72 72 Qmax W 31.7 20.9 17.0 14.3 11.6 Imax A 3.4 2.2 1.8 1.5 1.2 17.5 Umax V AC R Ohm 4.19 6.59 8.20 9.80 12.20 H mm 1.6 1.9 2.1 2.3 2.6 h mm
RMT Ltd
1MC06-142-XX
1MC06-142-xx (N=142) 1MC06-142-05 1MC06-142-08 1MC06-142-10 1MC06-142-12 1MC06-142-15 0.5 0.8 1.0 1.2 1.5
Performance data are given at 300K, vacuum
Technical Drawing
Options available
C. Ceramics Surface Options D. Thermistor (optional) 1. Blank ceramics Can be mounted to cold side 2. Metallized: ceramics edge. Calibration 2.1 Ni / Sn(Bi) B. Ceramics: is available. 2.2 Gold plating 1.Pure Al2O3(100%) 3. Metallized and pre-tinned: 2.Alumina (Al2O3- 96%) E. Terminal wires 3.1 Solder 94 (PbSnBi, Tmelt=94C) 3.Aluminum Nitride (AlN) 1. Pre-tinned Copper 3.2 Solder 117 (In-Sn, Tmelt=117C) 2. Insulated Wires 3.3 Solder 138 (Sn-Bi, Tmelt=138C) 100% Al2O3 used as standard 3. Insulated Color Coded 3.4 Solder 183 (Pb-Sn, Tmelt=183C) A. TEC Assembly: Solder SnSb (Tmelt=230C)
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 4
Thermoelectric Module Datasheet
Performance Plots
RMT Ltd
1MC06-142-05
Performance Plots
1MC06-142-08
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax 53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 2 of 4
Thermoelectric Module Datasheet
Performance Plots
RMT Ltd
1MC06-142-10
Performance Plots
1MC06-142-12
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax 53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 3 of 4
Thermoelectric Module Datasheet
Performance Plots
RMT Ltd
1MC06-142-15
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
Application Tips
1. Never heat TE module more than 200C (TEC assembled at 230C). 2. Never use TE module without attached heat sink at hot (bottom) side. 3. Connect TE module to DC power supply according to polarity. 4. Do not apply DC current higher than Imax.
Installation
1. Mechanical Mounting. TEC is placed between two heat exchangers . This construction is fixed by screws or in another mechanical way. It is suitable for large modules (with dimensions 30x30mm and larger). Miniature types require other assembling methods in most cases. 2. Soldering. This method is suitable for a TE module with metallized outside surfaces. RMT provides this option and also makes pre-tinning for TE modules. 3. Glueing. It is an up-to-date method that is used by many customers due to availability of glues with good thermoconductive properties. A glue is usually based on some epoxy compound filled with some thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of a specific type depends on application features and the type of a TE module.
Object being cooled Object being cooled
TEC 1 Screw mounting Heatsink 2 Soldering
TEC 3 Heatsink Gluing
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 1MC06-142-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X